|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
This document was generated on 05/24/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: Status: Overview: Description: 0010441031 Active kk 5.08mm (.200") Pitch KK(R) Header, Vertical, with Polarizing Backwall, 3 Circuits, Gold (Au) Plating Documents: 3D Model Drawing (PDF) RoHS Certificate of Compliance (PDF) Series General Product Family Series Application Overview Product Name PCB Headers 2599 Wire-to-Board kk KK(R) image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Physical Breakaway Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) First Mate / Last Break Glow-Wire Compliant Guide to Mating Part Keying to Mating Part Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Orientation PC Tail Length (in) PC Tail Length (mm) PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Shrouded Stackable Surface Mount Compatible (SMC) Temperature Range - Operating Termination Interface: Style No 3 3 Natural 50 No No No None None Brass Gold Nickel Nylon 1 Vertical 0.175 In 4.45 mm None 0.062 In 1.60 mm Bag 0.200 In 5.08 mm Partial Yes No 0C to +75C Through Hole Search Parts in this Series 2599Series Mates With KK(R) Crimp Terminal Housing 3001 , 5058 Electrical Current - Maximum per Contact Voltage - Maximum 7A 250V Solder Process Data Lead-free Process Capability Wave Capable (TH only) Material Info Old Part Number 2599-03AG Reference - Drawing Numbers Sales Drawing SDA-2599-NAG This document was generated on 05/24/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Price & Availability of 0010441031 |